Part Number Hot Search : 
PE4642 34063 PRODUCT 16F676P HAT2267H 34601 IRKT911 LT1413A
Product Description
Full Text Search
 

To Download PPC-L157-STANDE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PPC-L157T
NEW Features
15" Fanless Panel PC with Intel(R) AtomTM N270 Processor
15" TFT XGA LCD with optional resistive touchscreen Embedded Intel(R) AtomTM processor N270 1.6 GHz System memory up to 2 GB DDR2 SDRAM Supports one internal SATA 2.5" HDD Supports six USB 2.0 ports (4 external/ 2 internal), Dual Gigabit Ethernet Optional PCI/PCIe x 1 expansion kit Fanless and ultra-low power consumption Optional smart battery module Automatic data flow control over RS-485 (COM2)
Introduction
The PPC-L157T is a 15" Fanless panel PC that delivers high performance while consuming low power. The PPC-PPC-L157T operates with low noise and provides display resolutions up to 1024 x 768 (XGA) pixels. The PPC-L157T is equipped with dual Gigabit Ethernet connectors supporting either failover or LAN teaming. Advantech's customization services and optional accessories including wireless modules, battery packs, and SATA optical devices, allow system integrators to design tailor-made solutions to a host of industrial applications.
Specifications
CPU CPU Front Side Bus Chipset Secondary Cache Memory Combo Drive SSD HDD Network (LAN) Fully Integrated I/O and Speakers Bus Expansion Front Panel Protection Weight Dimensions (W x H x D) OS Support Power Supply Display Type Max. Resolution Colors Pixel Pitch (mm) Viewing Angle Luminance (cd/m2) Brightness Control Backlight Lifetime Type Resolution Light Transmission Controller Durability (Touches) Operating Temperature Relative Humidity Shock Vibration EMC Safety Intel Atom Processor N270 1.6 GHz 533 MHz Intel 945GSE + Intel ICH7M 512 KB L2 Cache 200-pin DDR2 533 SODIMM x1 Up to 2 GB Optional (989KL12801E) Supports one CompactFlash Type II, socket One internal SATA interface- 2.5" Type 2 x 10/100/1000 Mbps (RJ-45) 3 Serial Ports: RS-232 x 2, RS-232/422/485 x 1; 1 GPIO port 1 VGA Port ; PS/2 Mouse and Keyboard Line-in/ Line-out/ Mic-in Built-in 1W x 2 speakers, USB 2.0 ports x 4 1 x expansion slot for PCI/PCIe card 1 x MINI PCIe slot IP65/ NEMA 4 compliant 6 kg (13.2 Ib) 396.5 x 317.6 x 74.8 (15.6" x 12.5" x 2.95") Microsoft Windows XPE/XP Pro, Vista 12 -24 Vdc, 15-24 VDC with battery pack 15" Color TFT LCD 1024 x 768 262 K 0.297 x 0.297 160/130 350 Yes (by BIOS) 50,000 hours Analog Resistive 5 wires (ELO) Continuous 80 % USB Interface 35 million 0-50 C (32-122 F); 0-40 C with battery pack 10 ~ 95 % @ 40 C, non-condensing 10 G peak acceleration (11ms duration) 1G CE, FCC Class B, BSMI CE CB, UL, BSMI, CCC , VCCI
Processor System
LCD Display
Touchscreen (optional)
Environmental Specifications
Panel PCs
All product specifications are subject to change without notice Last updated : 14-Dec-2009
PPC-L128T Dimensions
379.4
Unit: mm
74.8
396.5
12.0
62.8
381.0
300.5
317.6
302.0
Cutout Dimensions
Ordering Information
Part NO PPC-L157T-080-XE PPC-L157T-R80-XE PPC-L157T-RXPE0E PPC-ARM-A03 PPC-174T WL-MT PPC-L157-STANDE PPC-L157-EXPE PS-DC19-L157E 1760000837 170001524 989KL15700E 989KL15701E 989KL15702E Description Intel Atom processor N270 1.6 GHz fanless panel PC with 15" TFT LCD PPC-L157T-080-XE with resistive touchscreen PPC-L157T with 1G memory/Windows XPE on 160G HDD VESA Stand ARM for PPC series Wall mount kit for PPC-174T Stand desktop stand for PPC-L157T PCI/PCIe expansion kit for PPC-L157 19V DC power adapter module for PPC-L128/PPC-L157 Smart Li-ion 3S2P 11.1V 4400 mAh -LTC4006/L127 Power cord 3P UL 10A 125V 1.8M Wireless Module for PPC-L157T Series Slim type Combo Module for PPC-L157T Series Slim type DVD-RW Module for PPC-L157T Series
Fully-Integrated I/O
A B C D E F G
H
I
J
K
L
M
N
A. Main power switch B. USB 2.0 x 3 C. Ethernet jack D. USB 2.0 E. PS/2 mouse and keyboard F. PCI/PCI-E expansion slot cover G. GPIO port
H. DC inlet I. Line-in jack J. Line-out jack K. Mic-in jack L. Ethernet jack M. VGA port N. Serial ports
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of PPC-L157-STANDE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X